PART |
Description |
Maker |
CUS250LD CUS250LD-12 CUS250LD-24 CUS250LD-3 CUS250 |
Single Output 250W Low Profi le Power Supplies
|
TDK Electronics
|
STK22C48-P45 STK22C48-P45I STK22C48-N20 STK22C48-N |
DIODE TVS 170V 400W UNI 5% SMA DIODE TVS 17V 400W BIDIR 5% SMA SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA RoHS Compliant: Yes DIODE TVS 100V 400W UNI 5% SMA DIODE TVS 10V 400W UNI 5% SMA DIODE TVS 30V 400W BIDIR 5% SMA NVRAM (EEPROM Based) DIODE TVS 120V 400W BIDIR 5% SMA DIODE TVS 300V 400W UNI 5% SMA DIODE TVS 36V 400W UNI 5% SMA DIODE TVS 130V 400W UNI 5% SMA DIODE TVS 180V 400W UNI 5% SMA DIODE TVS 18V 400W BIDIR 5% SMA DIODE TVS 200V 400W UNI 5% SMA DIODE TVS 150V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 20V 400W BIDIR 5% SMA NVRAM中(EEPROM的基础 DIODE TVS 400V 400W UNI 5% SMA NVRAM中(EEPROM的基础
|
ZETTLER electronics GmbH Electronic Theatre Controls, Inc.
|
MPA300L |
Low Profi le 300W Single Output Power Factor Corrected AC/DC Power Supplies
|
MicroPower Direct, LLC
|
EC1AG000TR EC1AG130TR EC1AN130TR EC1AG040TR EC1AN0 |
Low Profi le SMT Encoder Switches with 8 Sections
|
GREATECS
|
LPCM060CTP LPCM080CTP LPCM070CTP LPCM050CTP LPCM03 |
Low Profi le, Panel Flush Light Pipe
|
Visual Communications C...
|
UVQ-18_5.6-D24P-C |
Low Profi le, Isolated Quarter Brick 2.5 40 Amp DC/DC Converters
|
Murata Manufacturing Co., Ltd.
|
LED15-48S12W LED15-48S15W LED15-24S12W LED15-24S3P |
15 WATTS MAXIMUM OUTPU POWER
|
Power Mate Technology Co., LTD
|
BZW045V8 BZW045V8B BZW04-10 BZW04-102 BZW04-102B B |
Low Power OFF-Line SMPS Primary Switcher TRANSIL Diode for High Overvoltage Protection(400W、用于过电压保护的TRANSIL二极单向)) TRANSIL Diode for High Overvoltage Protection(400W、用于过电压保护的TRANSIL二极双向)) () TRANSILTM
|
意法半导 STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
PS8-400ATX-ZE |
80 Plus Bronze 400W PS/2 Single Power Supply
|
Advantech Co., Ltd.
|
SMAJ78A-13-F SMAJ75CA-13-F SMAJ54A-13-F UNISMAJ5.0 |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, BIDIRECTIONAL, SILICON, TVS DIODE 400W Peak Pulse Power Dissipation
|
Diodes, Inc. Diodes Incorporated
|
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|